PART |
Description |
Maker |
K5A22NAG K5A22NAU K5A2AG K5A2AU K5A24NAG |
Snap Action Key Switch Switch KEYPAD SWITCH, SPST, MOMENTARY, 0.1A, 50VDC, 4 N, SURFACE MOUNT-STRAIGHT
|
C&K Components C & K COMPONENTS INC
|
262-130122-A-R 221-130122-A-R 223-122810-A-R 265-2 |
ROTARY SWITCH-12POSITIONS, DP12T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-12POSITIONS, SP12T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-8POSITIONS, 3P8T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-11POSITIONS, 5P11T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-6POSITIONS, 5P6T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-8POSITIONS, 5P8T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-8POSITIONS, 4P8T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-8POSITIONS, 6P8T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-5POSITIONS, 3P5T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-8POSITIONS, DP8T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-24POSITIONS, SP24T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-12POSITIONS, 3P12T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-10POSITIONS, 3P10T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-9POSITIONS, 3P9T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-9POSITIONS, 7P9T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-15POSITIONS, DP15T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-11POSITIONS, 7P11T, LATCHED, 5A, 28VDC, PANEL MOUNT
|
COLE INSTRUMENT CORP
|
GRF22N2BBRLN |
Rocker Switch; Illumination:Non-Illuminated; Circuitry:SPST; Switch Operation:On-Off; Contact Current Max:15A; Switch Terminals:Screw; Leaded Process Compatible:Yes; Mounting Type:Panel; Switch Features:Rocker Actuator; Features: RoHS Compliant: Yes
|
THE CHERRY CORP
|
B3F B3M B3S B3KN3 B4TU20 B4TU11 B4TU01 B3SARO BS3D |
LAMP HOLDER MOUNTING COLLAR 22.5MM SWITCH HEAD 22.5MM SELECTOR 3WAY CONTACT BLOCK 2N/O CONTACT BLOCK 1N/C SWITCH HEAD 22.5MM KEY 2WAY Glass Passivated Rectifier Diodes PILOT LIGHT HEAD 22.5MM BLUE SWITCH HEAD 22.5MM ILLUMIN. BLUE SWITCH HEAD 22.5MM FLUSH BLUE SWITCH HEAD 22.5MM ILLUMIN. WHITE SWITCH HEAD 22.5MM KEY 3WAY SWITCH HEAD 22.5MM FLUSH BLACK 开关头22.5毫米镶入 SWITCH HEAD 22.5MM ILLUMIN. RED 开关头22.5毫米ILLUMIN。红 SWITCH HEAD 22.5MM ILLUMIN. YELLOW 开关头22.5毫米ILLUMIN。黄 CONTACT BLOCK 1N/O 1N/C 接点1N的输输出1N
|
Square D by Schneider Electric Microchip Technology, Inc.
|
1241.2858 |
Vandal Resistant Pushbutton Switch; Actuator Diameter:14mm; Circuitry:SPST-NO; Switch Operation:Momentary; Contact Current Max:125mA; Leaded Process Compatible:Yes; Mounting Type: PCB; Switch Function:SPST-NO; External Width:21.5mm
|
SCHURTER INC
|
QVA11134 |
Slotted Optical Switch; Package: Slotted Switch QVA; No of Pins: 4; Container: Rail 3.18 mm SLOT WIDTH, 1 CHANNEL SLOTTED OPTICAL SWITCH TRANSISTOR OUTPUT
|
Fairchild Semiconductor, Corp.
|
AWS5522 AWS5522S26 AWS5522D1 |
0.5 to 2.5 GHz SPDT Switch 0.5.5 GHz SPDT开 0.5 to 2.5 GHz SPDT Switch 500 MHz - 2500 MHz RF/MICROWAVE SGL POLE DOUBLE THROW SWITCH, 0.8 dB INSERTION LOSS Switches The AWS5522 is a single pole, double throw (SPDT) RF switch developed to meet the stringent requirements of GSM and CDMA systems, ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] Anadigics Inc
|
DG387BDJ-E3 DG381BDJ-E3 DG384BDJ-E3 |
DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDIP14 DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDIP14 ANLG SW DUAL SPST 22V/36V 14PDIP - Bulk IC SWITCH DUAL CMOS 14DIP Analog Switch Dual DPST 16-Pin PDIP
|
VISHAY SILICONIX
|
SRJ23A3BBBNN |
Rocker Switch; Circuitry:SPST-NO; Switch Operation:On-On; Contact Current Max:20A; Contact Rating:20A; Leaded Process Compatible:Yes; Mounting Type:Panel; Peak Reflow Compatible (260 C):No; Switch Function:SPST-NO
|
THE CHERRY CORP
|
56P36-01-2-05S-F 56P36-01-2-05N-C 56P36-01-2-05S-C |
ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, THROUGH HOLE-STRAIGHT ROHS COMPLIANT ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-5POSITIONS, SP5T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, SP3T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-9POSITIONS, SP9T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-9POSITIONS, SP9T, LATCHED, 0.2A, 30VDC, PANEL MOUNT ROTARY SWITCH-11POSITIONS, SP11T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT
|
Grayhill, Inc. GRAYHILL INC
|
|